Part Number Hot Search : 
4558D 6050G LBT20005 MT8889C MST4111C 1N4745A C5738 TW2815
Product Description
Full Text Search
 

To Download CX24153 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Set-top Box Solutions Satellite/Cable/Terrestrial
aS Digital Broadcast TV Decoder IC Family at CX24153/4/6 .D w w w Single-Chip Interactive Set-top Box Solutions
Conexant's broadband communications portfolio includes a comprehensive suite of semiconductor solutions that enable the digital home and information network. Conexant's interactive TV decoder products provide complete single IC system solutions for the core electronics of high performance set-top boxes (STB) deployed in digital satellite, cable or terrestrial TV networks. The CX24153/4/6 IC family offers a high performance embedded 32-bit RISC CPU, a complete DVB/DIRECTV (R) broadcast service decoder system and advanced 2D graphics and display compositing performance. This combination enables consumer electronics manufacturers to build low-cost digital TV STBs to support a wide range of advanced, interactive, consumer services.
ee h
4U t
om .c
Advanced CPU and Graphics Performance
The CX24153/4/6's powerful ARM920 32-bit RISC processor and advanced video/graphics display controller provide a platform ideally suited to support advanced interactive middleware platforms including OpenTV, MHP and Liberate. The embedded processor offers , up to 224 Dhrystone 2.1 MIPS at a 200MHz clock speed. This CPU platform represents a major advance in capability for the low cost STB category and will enable complex, MIPS hungry, feature rich middleware platforms such as Multimedia Home Platform (MHP) to be adopted by broadcasters for low cost STBs. The advanced CPU platform delivers performance that can be deployed by STB manufacturers in a variety of ways including improved interactive application loading and EPG scrolling performance, H/W feature differentiation via multimedia host signal processing and scalability to Linux based S/W platforms via MMU
w
w
.D w
t a
S a
e h
t e
U 4
.c
m o
CX24153/4/6 Distinguishing Features
* MPEG-2/DVB/DIRECTV (R) broadcast service decoder for worldwide markets * Single IC STB solution with integrated NTSC Ch 3/4 RF modulator * High-performance 32-bit 220 MIPS ARM920 CPU with 16KB I & D caches * High-performance 2D graphics rendering acceleration * Multiplane video/graphics compositing and display engine
* High-performance 16 or 32-bit unified memory controller architecture
Part Number CX24153/4/6 Description
w
w
w
.D
a
aS t
ee h
4U t
om .c
Digital Broadcast TV Decoders IC Family
Set-top Box Solutions Satellite/Cable/Terrestrial
H/W support. A powerful video/graphics display compositing engine supports up to five independent image planes to enable the rich visual interface required for simultaneous TV viewing and application interaction. Conexant's 2D graphics rendering engine can composite an unlimited number of graphics planes with transparency into a single displayable OSD plane. Additionally, the CX24153/4/6 provides ample CPU processing power to support implementation of a complete, low-speed modem datapump and controller in software. Conexant's interactive TV decoders feature an innovative, unified memory architecture that reduces memory costs by servicing all system requirements in a single x16 SDRAM IC. System hardware costs are further minimized by implementing analog modem return path functionality in software running
on the ARM920 CPU. Additional contributions to system bill-of-materials cost reductions come from an integrated NTSC channel 3/4 RF modulator, integrated VCXO and system clock generation and an integrated DVB Common Interface Module Controller.
SDRAM
ARM 920 CPU
GXA 2D Graphics Engine
16/32bit SDRAM Controller
MP@ML Video Decoder
Audio Decoder MPEG/Dolby
Ch.3/4 RF Mod
Transport Demultiplexer/ Descrambler
SmartDAA Modem Interface
PCI Bridge/ I/OBus
Smart Card I/F IR TX/RX UARTs GPIO/I2C PWM
TV Display Controller
TV Encoder
Tuner 109 Demod r
CX20493 CX 493 20 DAA Line Side Device
Flash
CX24153 Block Diagram
Common Platform for Satellite, Cable, and Terrestrial
STB manufacturers increasingly look to leverage a common hardware platform that can be reused over various broadband networks including satellite, cable, terrestrial, DSL and Ethernet IP networks. Conexant's CX24153/4/6 IC's can serve as a common back-end platform that easily interfaces to a variety of broadband front-ends, including QPSK, QAM, OFDM, VSB, ADSL/VDSL, 802.3, 802.11a/b/g, or IEEE 1394 through either transport stream or PCI interface. This provides a flexible STB solution that can be targeted to a variety of broadband operators while minimizing hardware/software development costs. Conexant also offers a variety of pin compatible CX24153/4/6 options to target network configurations for DVB-MHP DVB-C, , DVB-T, Free-To-Air, and FTA-CI.
Full-Featured Development Platform
The CX24153/4/6 IC family is integrated into a fully engineered interactive TV STB reference development system that implements third-party interactive middleware/RTOS platforms and provides complete STB functionality. The hardware platform comes equipped with fully integrated OpenTV, Alticast, Nucleus+, pSOS and VxWorks runtime libraries and driver software components. A mature and robust hardware abstraction layer is assured by re-use of core driver libraries developed on early generation ICs. The development platform set-top box hardware is designed with a two-layer PCB configuration and a variety of PSTN modem options. A choice of two robust tool chain development environments are supported for code developers including the ADS 1.2 from ARM, Inc. and Tornado 2.2 from WindRiver Systems, Inc. Conexant offers a complete development code solution that has been tightly integrated with both third party tool chain environments.
CX24153/4/6 Development Platform
Set-top Box Solutions Satellite/Cable/Terrestrial
CX24153/4/6 Part Number & Feature Selection Guide
The CX24153/4/6 IC family includes three primary part numbers defined by different functionality combinations.
Table 1
"CX" Part #
Demod
no no no
DACs
6 4 6
RF Mod Still Plane
yes yes no yes no yes
DRAM
16/32-bit 16-bit 16/32-bit
DVB-CI
yes no yes
PCI
note 1
CX24153 CX24154 CX24156
yes no yes
DVB-CI not available simultaneously with PCI
License based features and CPU speed grade configurations are designated using a part number suffix or dash number.
Table 2
CX24153-mn CX24154-mn CX24156-mn "-1n" "-2n" "-3n" "-4n" "-5n" "-6n" "-7n" "-8n" "-9n" "-0n" Macrovision Dolby Digital 200 MHz CPU 160 MHz CPU
a a a a a
a a a
r e s e r v e d
r e s e r v e d
a a
a a
a
a
a
a
m = License based feature and/or CPU speed designator (0 thru 9) n = die revision (e.g. n=1 for die rev A, 2 for die rev B etc.)
CX24153/4/6 Features
* MPEG-2 MP@ML video decoder supporting NTSC and PAL CCIR601 image resolution * MPEG-1/MPEG-2 and Dolby Digital (AC-3) audio decoder * MPEG-2/DVB transport stream demultiplexing * NTSC channel 3/4 RF modulator * NTSC/PAL/SECAM TV encoder supporting simultaneous CVBS, YC & RGB/YPrPb analog video output signals * 3DES ciphering engine & integrated OTP memory for unique, IC security personalization * On-chip boot ROM for secure STB software authentication * Integrated DVB common descrambler & DES ECB descrambler * NDS Videoguard conditional access hardware support * 200 MHz 224 MIPS 32-bit ARM920 CPU with 16KB I & D caches and MMU * Advanced 2D graphics rendering engine for alphablt, bitblt, textblt, line draw and color expansion acceleration * Unified memory architecture supporting 16 or 32-bit SDRAM * MPEG picture and still plane upscaling and downscaling * Multiplane video/graphics image compositing with color key or 256-level alpha blending * Video-picture-in-graphics with flexible picture size and aspect ratio * Flicker filtering, aspect ratio conversion and hardware cursor * 4/8/16-bit ARGB/A YCrCb graphics * Integrated 32-bit 33 MHz PCI 2.1 bus bridge controller
(c) 2003, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant logo are registered trademarks of Conexant Systems, Inc. All other trademarks are owned by their respective owners. Although Conexant strives for accuracy in all its publications, this material may contain errors or omissions and is subject to change without notice.
THIS MATERIAL IS PROVIDED AS IS AND WITHOUT
ANY EXPRESS OR IMPLIED WARRANTIES, INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE AND NON-INFRINGEMENT.
www.conexant.com General Information: U.S. and Canada: (800) 854-8099 International: (949) 483-6996 Headquarters - Newport Beach 4311 Jamboree Rd, P Box C .O. Newport Beach, CA 92660-3095 Order# 102195A
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
03-0835


▲Up To Search▲   

 
Price & Availability of CX24153

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X